Part Number Hot Search : 
UF4005 M48T58 BZV85130 SG200 PA1131NL 40N65 PN7222 PLCC44TN
Product Description
Full Text Search
 

To Download UMW1A100MDD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
MW
Specifications
Item
5mmL, For General Audio Equipment
series
Acoustic series, with 5mm height. Adapted to the RoHS directive (2002/95/EC).
SW
Smaller
MW
Performance Characteristics
- 40 ~ +85C 4 ~ 50V 0.1 ~ 470F 20% at 120Hz, 20C After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan
4 0.35
6.3 0.24 4 7 15
10 0.20 6.3 4 8
16 0.16 10 3 6
25 0.14 16 2 4 25 2 4
35 0.12 35 2 3
50 0.10 50 2 3
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V) Z- 25C / Z+20C Impedance ratio ZT / Z20 (MAX.) Z- 40C / Z+20C
Endurance
After 1000 hours' application of rated voltage at 85C, capacitors meet the characteristics requirement listed at right.
Capacitance change tan Leakage current
Within 20% of initial value 200% or less of initial specified value Initial specified value or less
Shelf Life Marking
After storing the capacitors under no load at 85C tor 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. Printed with black color letter on gold sleeve.
Radial Lead Type
Sleeve (P.E.T.) +0.5MAX.
B
Type numbering system (Example : 25V 10F)
d
U MW 1 E 1 0 0 M D D
P 0.5
1 2 3 4 5 6 7 8 9 10 11 Configuration Capacitance tolerance (20%) Rated Capacitance (10F) Rated voltage (25V) Series name Type
BD
L+1MAX.
15MIN
4MIN
BD
4 5 6.3 8 P 1.5 2.0 2.5 2.5 Bd 0.45 0.45 0.45 0.45
(mm)
Configuration Pb-free leadwire BD Pb-free PET sleeve 4~8 DD
16 1C 25 1E 35 1V
Dimensions
V
Cap.(F)
code
4 0G
6.3 0J
10 1A
0.1 0.22 0.33 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470
0R1 R22 R33 R47 010 2R2 3R3 4R7 100 220 330 470 101 221 331 471
4x 5 4x 5 5x 5 6.3 x 5 8x 5 8x 5
28 33 56 96 145 185
4x 5 5x 5 5x 5 6.3 x 5 8x 5 8x 5
28 37 45 70 110 170
5x 5 5x 5 6.3 x 5 8x 5 8x 5
33 41 52 80 135
4x 5 5x 5 6.3 x 5 6.3 x 5 8x 5
23 37 49 58 92
4x 5 5x 5 6.3 x 5 6.3 x 5 8x 5 8x 5
16 27 42 52 70 110
4x 5 4x 5 5x 5 6.3 x 5 8x 5 8x 5
15 18 29 46 62 80
50 1H 4x 5 4x 5 4x 5 4x 5 4x 5 4x 5 4x 5 5x 5 6.3 x 5 8x 5 8x 5
1.0 2.0 2.8 4.0 8.4 13 17 20 33 52 71
Case size D x L Rated (mm) ripple
Rated Ripple (mArms) at 85C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz ~ 1.50
Please refer to page 21, 22, 23 about the formed or taped product spec. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UMW1A100MDD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X